Part Number Hot Search : 
A5800786 MDU5692S TLSE17TP ISL6841 1516135X CO55C 32768 GSU38
Product Description
Full Text Search
 

To Download PD10012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Common and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
100A/1200 to 1600V
PC10012 PC10016 PD10016 PD10012 PD10016
OUTLINE DRAWING
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:155g Symbol VRRM VRSM
Type / Grade
PC10012 / PD10012 1200 1300 PC10016 / PD10016 1600 1700
Max Rated Value
Unit
V
Parameter
Average Rectified Output Current *1 RMS Forward Current *1 Surge Forward Current *1 I Squared t *1 Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=80C 50 Hz Half Sine Wave,1Pulse Non-repetitive 2msec to 10msec
Unit
A A A
100 156 2000
20000 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M6 Screw 2.4 to 3.5 N*m M5 Screw 2.4 to 2.8
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1 *1: Value Per 1Arm Symbol Test Conditions Max. Unit 20 1.35 0.35 0.2 mA V C/W IRM VRM= VRRM, Tj= 125C VFM IFM= 320A, Tj=25C Rth(j-c) Junction to Case Base Plate to Heat Sink with Thermal Rth(c-f) Compound
PC/PD10012 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PD10012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X